Part Number Hot Search : 
ST63P26 AD8322 4VHC2 V0DS00 20200C TP17LT F101A 1N473
Product Description
Full Text Search
 

To Download DNX-DJS-XXX-1-I1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  04/08/2015 v8.0 1 features: > high brightness surface mount led. > based on ingan technology. > 120 viewing angle. > small package outline (lxwxh) of 2.0 x 1.4 x 1.3mm. > qualified according to jedec moisture sensitivity level 2. > compatible to ir reflow soldering. > environmental friendly; rohs compliance. > qualified based on aec-q101 standard mini domiled tm synonymous with function and performance, the mini domiled tm series is perfectly suited for a variety of cross-industrial applications due to its small package outline, durability and superior brightness. data sheet: mini domiled tm ingan : DNX-DJS-XXX-1-I1 ? 2005 domiled is a trademark of dominant opto technologies all rights reserved. product specifcations are subject to change without notice. applications: > automotive: interior applications, eg: switches, telematics, climate control system, dashboard, etc. > consumer appliances: backlighting illumination as in pdas, lcd tv. dominant opto technologies innovating illumination tm
04/08/2015 v8.0 2 dnt-djs-vw2-1-i1 dnt-djs-t2u-1-i1 dnb-djs-rs1-1-i1 dnb-djs-q2r-1-i1 true green, 525nm true green, 525nm blue, 470nm blue, 470nm 120 120 120 120 715.0 355.0 112.5 90.0 ingan : DNX-DJS-XXX-1-I1 part ordering number color viewing angle? luminous intensity @ 10ma iv (mcd) note 1. all part number above comes in a quantity of 3000 units per reel. 2. luminous intensity is measured with an accuracy of 11%. 3. wavelength binning is carried for all units as per the wavelength-binning table. only one wavelength group is allowed for each reel. unit absolute maximum ratings maximum value dc forward current peak pulse current; (tp 10s, duty cycle = 0.005) reverse voltage esd threshold (hbm) led junction temperature operating temperature storage temperature power dissipation (at room temperature) thermal resistance - junction / ambient, r th ja - junction / solder point, r th js (mounting on fr4 pcb, pad size >= 16 mm 2 per pad) 20 100 5 2000 125 -40 +100 -40 +100 80 480 230 ma ma v v ?c ?c ?c mw k/w k/w vr @ ir = 10 a electrical characteristics at tj=25 0 c vf @ if = 10 ma 3.1 5.0 forward voltage, vf is measured with an accuracy of 0.1 v. part number min. (v) typ. (v) max. (v) min. (v) dnx-djs 2.8 3.6 optical characteristics at tj=25 0 c min. typ. max. 1125.0 550.0 170.0 120.0 1800.0 715.0 224.0 180.0 dominant opto technologies innovating illumination tm not for new design
dnt; true green dnb; blue group dominant wavelength is measured with an accuracy of 1 nm. wavelength grouping at tj=25 0 c wavelength distribution (nm) color full a b c full a b 520 - 535 520 - 525 525 - 530 530 - 535 465 - 475 465 - 470 470 - 475 ingan wavelength is very sensitive to drive current. operating at lower current is not recommended and may yield unpredictable performance. current pulsing should is used for dimming purposes. ingan : DNX-DJS-XXX-1-I1 04/08/2015 v8.0 3 q2 r1 r2 s1 t2 u1 u2 v1 v2 w1 w2 90.0 ... 112.5 112.5 ... 140.0 140.0 ... 180.0 180.0 ... 224.0 355.0 ... 450.0 450.0 ... 560.0 560.0 ... 715.0 715 .0 ... 900.0 900.0 ... 1125.0 1125.0 ...1400.0 1400.0 ... 1800.0 brightness group luminous intensity iv (mcd) luminous intensity group at tj=25?c dominant opto technologies innovating illumination tm
relative intensity vs forward current forward current; ma relative intensity; normalized at 10ma 0 10 20 30 40 50 0 1 2 3 4 forward current vs forward voltage forward voltage; v forward current; ma 2 2.5 3 3.5 4 0 10 20 30 40 50 maximum current vs ambient temperature ambient temperature forward current; ma 0 10 20 30 40 50 60 70 80 90 100 0 5 10 15 20 25 dominant wavelength shift vs forward current forward current, ma 0 5 10 15 20 25 30 -4 -2 0 2 4 6 8 10 12 relative intensity vs wavelength wavelength, nm 400 450 500 550 600 650 700 750 800 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 04/08/2015 v8.0 4 ingan : DNX-DJS-XXX-1-I1 0. 2 70 90 80 0 60 50 40 30 20 0. 6 0. 4 1. 0 0. 8 10 0 radiation pattern relative intensity dominant wavelength shift, nm relative intensity vs wavelength 536 538 dominant opto technologies innovating illumination tm dominant wavelength shift vs forward current if (ma) variables blue true green 0 20 40 60 80 100 -10 -8 -6 -4 -2 0 2 4 6 8 true green blue relative intensity vs forward current forward current; ma relative intensity; normalized at 10ma 0 10 20 30 40 50 0 1 2 3 4 forward current vs forward voltage forward voltage; v forward current; ma 2 2.5 3 3.5 4 0 10 20 30 40 50 maximum current vs ambient temperature ambient temperature forward current; ma 0 10 20 30 40 50 60 70 80 90 100 0 5 10 15 20 25 dominant wavelength shift vs forward current forward current, ma 0 5 10 15 20 25 30 -4 -2 0 2 4 6 8 10 12 relative intensity vs wavelength wavelength, nm 400 450 500 550 600 650 700 750 800 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 true green blue
ingan : DNX-DJS-XXX-1-I1 04/08/2015 v8.0 5 mini domiled tm ? ingan : DNX-DJS-XXX-1-I1 package outlines material material lead-frame package encapsulant soldering leads cu alloy with ag plating high temperature resistant plastic, ppa silicone resin sn-sn plating dominant opto technologies innovating illumination tm note : primary thermal path is through cathode lead of led package
04/08/2015 v8.0 6 ingan : DNX-DJS-XXX-1-I1 recommended solder pad dominant opto technologies innovating illumination tm
04/08/2015 v8.0 7 taping and orientation ? reels come in quantity of 3000 units. ? reel diameter is 180 mm. ingan : DNX-DJS-XXX-1-I1 dominant opto technologies innovating illumination tm
04/08/2015 v8.0 8 packaging specifcation ingan : DNX-DJS-XXX-1-I1 dominant opto technologies innovating illumination tm
04/08/2015 v8.0 9 ingan : DNX-DJS-XXX-1-I1 dominant opto technologies innovating illumination tm packaging specifcation average 1pc mini domiled 1 completed bag (3000pcs) 0.034 190 10 weight (gram) cardboard box dimensions (mm) empty box weight (kg) super small small medium large for mini domiled tm reel / box cardboard box size weight (gram) 0.007 200 10 dominant tm moisture sensitivity level moisture absorbent material + moisture indicator the reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag reel barcode label label (l) lot no : lotno (p) part no : partno (c) cust no : partno (g) grouping : group (q) quantity : quantity (d) d/c : date code (s) s/n : serial no dominant opto technologies ml temp 2 260?c rohs compliant made in malaysia dominant opto technologies drnd - 008 issue no : 1 page 1 of 3 pr oduct & process change notice ( pcn) pcn n o: d 140157 date : 2 1 - nov - 20 1 4 1. describe present process / product: all smd leds that are currently shipped in the reel form . please refer to section 3 for the details; comparing current packing and label specification versus change proposed . 2. product type affected: all smd leds that are currently shipped in the reel form . 3. describe changes (to be): existing barcode printed label (bpl) used is as shown below. existing bpl size - 87mm x 45mm . as part of improvement and also in response to customer s 325 x 225 x 190 325 x 225 x 280 570 x 440 x 230 570 x 440 x 460 0.38 0.54 1.46 1.92 9 reels max 15 reels max 60 reels max 120 reels max
04/08/2015 v8.0 10 time (sec) 0 50 100 150 200 300 250 225 200 175 150 125 100 75 50 25 275 temperature (?c) classifcation refow profle (jedec j-std-020c) ramp-up 3?c/sec max. 255-260?c 10-30s 60-150s ramp- down 6?c/sec max. preheat 60-180s 480s max 217?c recommended pb-free soldering profle ingan : DNX-DJS-XXX-1-I1 dominant opto technologies innovating illumination tm
revision history page - 7 2 1, 2 2 2 1, 4, 9 5 subjects initial release update carrier tape drawing update esd threshold (hbm) update product photo not for new design: dnt-djs-t2u-1-i1 add new partno: dnt-djs-vw2-1-i1 not for new design: dnb-djs-q2r-1-i1 add new partno: dnb-djs-rs1-1-i1 add thermal resistance update features typo error on graph: dominant wavelength shift vs forward current update packaging specifcation typo error on material add notes in packaging outline date of modifcation 23 sep 2009 10 aug 2010 09 jan 2013 09 may 2013 25 oct 2013 06 mar 2014 15 jun 2015 04 aug 2015 ingan : DNX-DJS-XXX-1-I1 04/08/2015 v8.0 11 dominant opto technologies innovating illumination tm note all the information contained in this document is considered to be reliable at the time of publishing. however, dominant opto technologies does not assume any liability arising out of the application or use of any product described herein. dominant opto technologies reserves the right to make changes to any products in order to improve reliability, function or design. dominant opto technologies products are not authorized for use as critical components in life support devices or systems without the express written approval from the managing director of dominant opto technologies .
ingan : DNX-DJS-XXX-1-I1 about us dominant opto technologies innovating illumination tm dominant opto technologies is a dynamic malaysian corporation that is among the worlds leading smt led manufacturers. an excellence C driven organization, it offers a comprehensive product range for diverse industries and applications. featuring an internationally certif ed quality assurance acclaim, dominants extra bright leds are perfectly suited for various lighting applications in the automotive, consumer and communications as well as industrial sectors. with extensive industry experience and relentless pursuit of innovation, dominants state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. more information about dominant opto technologies can be found on the internet at http://www.dominant-semi.com. dominant opto technologies innovating illumination tm please contact us for more information: dominant opto technologies sdn. bhd lot 6, batu berendam, ftz phase iii, 75350 melaka, malaysia. tel: +606 283 3566 fax: +606 283 0566 e-mail: sales@dominant-semi.com


▲Up To Search▲   

 
Price & Availability of DNX-DJS-XXX-1-I1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X